Part Number Hot Search : 
16211033 B1108471 A5869 F30SC4 V800B ZMD41211 S3022 MGF1304A
Product Description
Full Text Search
 

To Download MP61001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs PIN DIODES
TM (R)
MP61001 - MP61012
Packaged and Bondable Chips Features

Low Series Resistance Fast Switching Speed Low Capacitance No Reverse Bias Required Available in Packages and Bondable Chips Available as Chip-on-Board Components
Applications

Switches Attenuators Phase Shifters
Description
Microsemi's GaAs PIN diodes are fabricated utilizing a gold contact mesa and protected with silicon nitride. The diodes have short carrier lifetime for fast switching speed and low series resistance. GaAs P00 diodes are available as bondable chips, chip-on-board components and in a variety of packages. GaAs PIN diodes, in comparison to Si PIN diodes, reach its high impedance state at zero bias and do not require reverse bias for low loss. Nanosecond switching speed is achieved with GaAs PIN diodes, using low-cost TTL drivers.
Maximum Ratings
Reverse Voltage Forward Current Incident Power Operating Temperature Storage Temperature Breakdown Voltage 50 mA @ 25C +20 dBm @ 25C -55C to +175C -55C to +200C
Copyright 2008 Rev: 2009-05-11
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GaAs PIN DIODES
TM (R)
MP61001 - MP61012
GaAs PIN Diodes (Packaged and Bondable Chips)
Gallium Arsenide PIN Diodes (Specifications @ 25C)
Part Number MP61001 MP61002 MP61003 MP61004 MP61005 MP61006 MP61007 MP61008 MP61009 MP61010 MP61011 MP61012
1 2
Max. CJ @ -10 V1 (pf) 0.03 0.04 0.05 0.06 0.07 0.08 0.10 0.12 0.15 0.18 0.23 0.35
Min. Breakdown Voltage (V) 200 200 200 100 100 100 75 75 50 50 50 50
Max. Resistance @ 20 mA2 () 3.0 3.0 3.0 2.0 2.0 2.0 2.0 2.0 1.0 1.0 0.8 0.8
Nominal Switching Speed (ns) 20.0 20.0 20.0 9.0 9.0 9.0 6.0 6.0 3.5 3.5 3.5 3.5
Nominal Carrier Lifetime3 (ns) 50 50 50 15 15 15 10 10 5 5 5 5
Capacitance is specified at 1 MHz. Resistance is specified at 1 GHz. 3 Carrier lifetime is inferred from stored charge measurement at 10 mA. Note: GaAs PIN diode chips have a minimum bonding area diameter of 50 microns.
Typical Characteristics
Copyright 2008 Rev: 2009-05-11
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2


▲Up To Search▲   

 
Price & Availability of MP61001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X